Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download KBPC35005-3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Current Bridge Rectifier
COMCHIP
www.comchiptech.com
KBPC Series
Reverse Voltage: 50 - 1000 Volts Forward Current: 10/15/25/35/50 Amp
Terminals/Plastic Lead/Plastic
Features
Surge overload 200 - 400 Amp peak
Low forward voltage dro Mounting position: Any Electrically isolated base - 1800 Volts Solderable 0.25" FASTON terminals Materials used carries U/L recognition
Mechanical Data
Case:Epoxy Case with Heat Sink Internally Mounted in the Bridge Encapsulation
Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Mounting: Through Hole for #10 Screw Weight: 30 grams (approx.)
KBPC
KBPC-W
Dim A B C D E G H
TERMINALS LEAD Min Max Min Max 28.40 28.70 28.40 28.70 10.97 11.23 10.97 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 Hole for #10 screw, 5.08O Nominal 6.35 Typic al 0.97O 1.07O All Dimension in mm
Single In-Line/Plastic
KBPC-S Dim Min Max A 28.40 28.70 B 10.97 11.23 C 13.90 D 19.10 E 5.10 G 1.20 O Typical H 3.05 3.60 All Dimensions in mm
- "S" Suffix Designates Single In-Line - "W" Suffix Designates Wire Leads - No Suffix Designates Faston Terminals
KBPC-S
MDS0304007A
Page 1
Silicon Bridge Rectifiers
Maximum Ratings and Electrical Characterics
Rating at 25C ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20% KBPC 10005 15005 25005 35005 50005 50 35 KBPC 1001 1501 2501 3501 5001 100 70 KBPC 1002 1502 2502 3502 5002 200 140 KBPC 1004 1504 2504 3504 5004 400 280 1.2 10 -55 to +125 -55 to +150
COMCHIP
www.comchiptech.com
CHARACTERISTICS
KBPC 1006 1506 2506 3506 5006 600 420
KBPC 1008 1508 2508 3508 5008 800 560
KBPC 1010 1510 2510 3510 5010 1000 700
UNIT
Maximum Recurrent Peak Revers e Voltage Maximum RMS Bridge Input Voltage Maximum Forward Voltage Drop per element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rate DC Block ing Voltage per element @ T A = 25C Operating Temperature Range T C Storage Temperature Range T A
V V V uA C C
Maximum Ratings and Electrical Characterics
CHARACTERISTICS Maximum Average Forward Rectified Output Current @ TC = 55C Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load KBPC10005 KBPC15005 KBPC25005 KBPC35005 KBPC50005 - 1010 - 1510 - 2510 - 3510 - 5010 10 200 15 300 25 300 35 400 50 400 UNIT A A
NOTES: Also available on KBPC 10W/15W /25W/35W /50W series.
MDS0304007A
Page 2
Silicon Bridge Rectifiers
COMCHIP
www.comchiptech.com
Rating and Characteristic Curves (KBPC10, 15, 25, 35, 50)
Fig. 1 - Reverse Characteristics
10
100
Fig. 2 - Forward Characteristics
KBPC10
Reverse Current ( uA )
Forward Current ( A )
10
KBPC35/50
KBPC15
1.0
1.0
Tj=25 C
0.1
0.1
KBPC25
Tj=25 C
0.01
0
20
40
60
80
100 120
140
0.01
0.2
0.4
0.6
0.8
1.0
1.2 1.4
1.6
Percent of Rated Peak Reverse Voltage (%)
Forward Voltage (V)
Fig. 3 - Non Repetitive Forward Surge Current
400
Peak Surge Forward Current ( A )
Fig. 4 - Current Derating Curve
60
Tj=25 C
KBPC35/50
Average Forward Current ( A )
350 300 250 200 150 100 50 0
1
KBPC50
50 40 30 20 10 0 0
KBPC15/25
KBPC35
KBPC25
KBPC10
KBPC15
KBPC10
5
10
50
1 00
25
50
75
100
125
150
Number of Cycles at 60Hz
Ambient Temperature ( C)
MDS0304007A
Page 3


▲Up To Search▲   

 
Price & Availability of KBPC35005-3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X